PART |
Description |
Maker |
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N1420 2N1131A 2N1132B 2N1482 2N1573 2N1574 2N1053 |
Time (Seconds):1-20; Operating Voltage:250V RoHS Compliant: Yes Small Signal Transistors Leaded Small Signal Transistor General Purpose
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Microsemi Corporation ETC[ETC] Central Semiconductor
|
2N4413A 2N4415A 2N4384 2N4386 2N4027 2N4963 2N4269 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors
|
CENTRAL[Central Semiconductor Corp]
|
2DC4617QLP-7B 2DC.617QLP-7 2DC.617QLP11 2DC4617QLP |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
MPS2222RLRPG MPS2222AG MPS2222ARLG MPS2222ARLRAG M |
General Purpose Transistors Small Signal General Purpose NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors
|
ON Semiconductor
|
UMT2907A MMST2907 SST2907A MMST2907A PN2907A |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) PNP Medium Power Transistor (Switching)
|
ROHM[Rohm]
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
MPSA63 MPSA66 MPSA62 MPSA65 |
Small Signal Transistors PNP SILICON DARLINGTON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
2SD2144S 2SD2114K 2SD2114S |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) 20V,0.5A high-current gain medium power transistor
|
ROHM
|
|